Part Number Hot Search : 
TZ630N AD7655 SST824 IRG7PH ON1461 74279 DS2505TR 5HA2D
Product Description
Full Text Search
 

To Download 15SMC150A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dimensions in inches and (millimeters) - 542 - smc/do-214ab features  for surface mounted application in order to optimize board space  low profile package  built-in strain relief  glass passivated junction  excellent clamping capability  fast response time: typically less than 1.0ps from 0 volt to bv min.  typical i r less than 1 a above 10v  high temperature soldering guaranteed: 260 o c / 10 seconds at terminals  plastic material used carries underwriters laborator y flammability classification 94v-0  1500 watts peak pulse power capability with a 10 x 1000 us waveform by 0.01% duty cycle mechanical data  case: molded plastic  terminals: solder plated  polarity: indicated by cathode band  weight: 0.21gram maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. type number symbol value units p eak p ower d issipation at t a =25 o c, tp=1ms ( n ote 1) p pk minimum 1500 watts power dissipation on intinite heatsink, t a =50 o c p m(av) 6.5 w peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) (note 2, 3) - unidirectional only i fsm 200 amps thermal resistance junction to ambient air (note 4) r ja 50 o c/w thermal resistance junction to leads r jl 15 o c/w operating and storage temperature range t j , t stg -55 to + 150 o c notes: 1. non-repetitive current pulse per fig. 3 and derated above t a =25 o c per fig. 2. 2. mounted on 8.0mm 2 (.013mm thick) copper pads to each terminal. 3. 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum. 4. mounted on 5.0mm 2 (.013mm thick) land areas. devices for bipolar applications 1. for bidrectional use c or ca suffix f or types 1.5smc6.8 through types 1.5smc200a. 2. electrical characteristics apply in both directions. 1.5smc series 1500 watts surface mount transient voltage suppressor http://www.luguang.cn mail:lge@luguang.cn
ratings and characteristic curves (1.5smc series) fig.1- peak pulse power rating curve p , peak pulse power, kw ppm tp, pulse width, sec. non-repetitive pulse waveform shown in fig.3 t = 25 c a o 0.1 s 1s 10 s 100 s 1.0ms 10ms 0.1 1 10 100 fig.3- pulse waveform clamping power peak pulse current -% t, time, ms td tr = 10 sec pulse width (td) is defined as the point where the peak current decays to 50% of i ppm peak value i ppm half value - i ppm 2 10/1000 sec. waveform as defined by r.e.a. 0 1.0 2.0 3.0 4.0 0 50 100 150 fig.2- pulse derating curve peak pulse power (p ) or current (i ) pp ppm ta, ambient temperature. ( c) o derating in percentage. % 0 25 50 75 100 125 150 175 200 0 50 100 150 200 fig.5- typical junction capacitance unidirectional cj, junction capacitance. (pf) v( ), breakdown voltage. volts br unidirectional bidirectiona v=0 r tj = 25 c f=1.0mhz vsig=50mvp-p o v -rated stand-off voltage r 1 10 100 200 10 100 1000 10000 fig.4- maximum non-repetitive forward surge current unidirectional only number of cycles at 60hz i , peak forward surge current , fsm amperes 8.3ms single half sine wave jedec method tj=tj max. 1 10 100 10 100 200 version: b07 1.5smc series 1500 watts surface mount transient voltage suppressor http://www.luguang.cn mail:lge@luguang.cn
electrical characteristics (ta=25 o c unless otherwise noted) breakdown voltage stand-off maximum maximum maximum maximum general device v br test current voltage reverse leakage peak surge clamping temperature part marking (volts) (note 1) @i t (ma) v wm at vwm current i ppm voltage at i ppm coefficient number code min max (volts) i d (ua) (note 2)(amps) v c ( v olts) of v br (% / o c ) 1.5smc6.8 6.12 7.48 10 5.50 1000 145 10.8 0.057 1.5smc6.8a 6.45 7.14 10 5.80 1000 150 10.5 0.057 1.5smc7.5 6.75 8.25 10 6.05 500 134 11.7 0.061 1.5smc7.5a 7.13 7.88 10 6.40 500 139 11.3 0.061 1.5smc8.2 7.38 9.02 10 6.63 200 126 12.5 0.065 1.5smc8.2a 7.79 8.61 10 7.02 200 130 12.1 0.065 1.5smc9.1 8.19 10.0 1.0 7.37 50 114 13.8 0.068 1.5smc9.1a 8.65 9.55 1.0 7.78 50 117 13.4 0.068 1.5smc10 9.00 11.0 1.0 8.10 10 105 15.0 0.073 1.5smc10a 9.50 10.5 1.0 8.55 10 108 14.5 0.073 1.5smc11 9.90 12.1 1.0 8.92 5.0 97 16.2 0.075 1.5smc11a 10.5 11.6 1.0 9.40 5.0 100 15.6 0.075 1.5smc12 10.8 13.2 1.0 9.72 5.0 91 17.3 0.078 1.5smc12a 11.4 12.6 1.0 10.2 5.0 94 16.7 0.078 1.5smc13 11.7 14.3 1.0 10.5 5.0 82 19.0 0.081 1.5smc13a 12.4 13.7 1.0 11.1 5.0 86 18.2 0.081 1.5smc15 13.5 16.5 1.0 12.1 5.0 71 22.0 0.084 1.5smc15a 14.3 15.8 1.0 12.8 5.0 74 21.2 0.084 1.5smc16 14.4 17.6 1.0 12.9 5.0 67 23.5 0.086 1.5smc16a 15.2 16.8 1.0 13.6 5.0 70 22.5 0.086 1.5smc18 16.2 19.8 1.0 14.5 5.0 59 26.5 0.088 1.5smc18a 17.1 18.9 1.0 15.3 5.0 60 25.2 0.088 1.5smc20 18.0 22.0 1.0 16.2 5.0 54 29.1 0.090 1.5smc20a 19.0 21.0 1.0 17.1 5.0 56 27.7 0.090 1.5smc22 19.8 24.2 1.0 17.8 5.0 49 31.9 0.092 1.5smc22a 20.9 23.1 1.0 18.8 5.0 51 30.6 0.092 1.5smc24 21.6 26.4 1.0 19.4 5.0 45 34.7 0.094 1.5smc24a 22.8 25.2 1.0 20.5 5.0 47 33.2 0.094 1.5smc27 24.3 29.7 1.0 21.8 5.0 40 39.1 0.096 1.5smc27a 25.7 28.4 1.0 23.1 5.0 42 37.5 0.096 1.5smc30 27.0 33.0 1.0 24.3 5.0 36 43.5 0.097 1.5smc30a 28.5 31.5 1.0 25.6 5.0 38 41.4 0.097 1.5smc33 29.7 36.3 1.0 26.8 5.0 33 47.7 0.098 1.5smc33a 31.4 34.7 1.0 28.2 5.0 34 45.7 0.098 1.5smc36 32.4 39.6 1.0 29.1 5.0 30 52.0 0.099 1.5smc36a 34.2 37.8 1.0 30.8 5.0 31 49.9 0.099 1.5smc39 35.1 42.9 1.0 31.6 5.0 27 56.4 0.100 1.5smc39a 37.1 41.0 1.0 33.3 5.0 29 53.9 0.100 1.5smc43 38.7 47.3 1.0 34.8 5.0 25 61.9 0.101 1.5smc43a 40.9 45.2 1.0 36.8 5.0 26 59.3 0.101 1.5smc47 42.3 51.7 1.0 38.1 5.0 23 67.8 0.101 1.5smc47a 44.7 49.4 1.0 40.2 5.0 24 64.8 0.101 1.5smc51 45.9 56.1 1.0 41.3 5.0 21 73.5 0.102 1.5smc51a 48.5 53.6 1.0 43.6 5.0 22 70.1 0.102 1.5smc56 50.4 61.8 1.0 45.4 5.0 19 80.5 0.103 1.5smc56a 53.2 58.8 1.0 47.8 5.0 20 77.0 0.103 1.5smc62 55.8 68.2 1.0 50.2 5.0 17 89.0 0.104 1.5smc62a 58.9 65.1 1.0 53.0 5.0 18 85.0 0.104 1.5smc68 61.2 74.8 1.0 55.1 5.0 16 98.0 0.104 1.5smc68a 64.6 71.4 1.0 58.1 5.0 17 92.0 0.104 1.5smc75 67.5 82.5 1.0 60.7 5.0 14 108.0 0.105 1.5smc75a 71.3 78.8 1.0 64.1 5.0 15 103.0 0.105 1.5smc82 73.8 90.2 1.0 66.4 5.0 13 118.0 0.105 1.5smc82a 77.9 86.1 1.0 70.1 5.0 13.9 113.0 0.105 1.5smc91 81.9 100.0 1.0 73.7 5.0 12 131.0 0.106 1.5smc91a 86.5 95.50 1.0 77.8 5.0 12.6 125.0 0.106 1.5smc series 1500 watts surface mount transient voltage suppressor 1.5smc6.8 1.5smc6.8a 1.5smc7.5 1.5smc7.5a 1.5smc8.2 1.5smc8.2a 1.5smc9.1 1.5smc9.1a 1.5smc10 1.5smc10a 1.5smc11 1.5smc11a 1.5smc12 1.5smc12a 1.5smc13 1.5smc13a 1.5smc15 1.5smc15a 1.5smc16 1.5smc16a 1.5smc18 1.5smc18a 1.5smc20 1.5smc20a 1.5smc22 1.5smc22a 1.5smc24 1.5smc24a 1.5smc27 1.5smc27a 1.5smc30 1.5smc30a 1.5smc33 1.5smc33a 1.5smc36 1.5smc36a 1.5smc39 1.5smc39a 1.5smc43 1.5smc43a 1.5smc47 1.5smc47a 1.5smc51 1.5smc51a 1.5smc56 1.5smc56a 1.5smc62 1.5smc62a 1.5smc68 1.5smc68a 1.5smc75 1.5smc75a 1.5smc82 1.5smc82a 1.5smc91 1.5smc91a http://www.luguang.cn mail:lge@luguang.cn
- 545 - electrical characteristics ( ta=25 o c unless otherwise noted ) breakdown voltage stand-off maximum maximum maximum maximum general device v br test current voltage reverse leakage peak surge clamping temperature part marking (volts) (note 1) @i t (ma) v wm at vwm current i ppm voltage at i ppm coefficient number code min max (volts) i d (ua) (note 2)(amps) v c ( v olts) of v br (% / o c ) 1.5smc100 90.0 110.0 1.0 81.0 5.0 10.9 144.0 0.106 1.5smc100a 95.0 105.0 1.0 85.5 5.0 11.4 137.0 0.106 1.5smc110 99.0 121.0 1.0 89.2 5.0 9.9 158.0 0.107 1.5smc110a 105.0 116.0 1.0 94.0 5.0 10.3 152.0 0.107 1.5smc120 108.0 132.0 1.0 97.2 5.0 9.1 173.0 0.107 1.5smc120a 114.0 126.0 1.0 102.0 5.0 9.5 165.0 0.107 1.5smc130 117.0 143.0 1.0 106.0 5.0 8.4 187.0 0.107 1.5smc130a 124.0 137.0 1.0 111.0 5.0 8.7 179.0 0.107 1.5smc150 135.0 165.0 1.0 121.0 5.0 7.3 215.0 0.108 1.5smc150a 143.0 158.0 1.0 128.0 5.0 7.6 207.0 0.108 1.5smc160 144.0 176.0 1.0 130.0 5.0 6.8 230.0 0.108 1.5smc160a 152.0 168.0 1.0 136.0 5.0 7.1 219.0 0.108 1.5smc170 153.0 187.0 1.0 138.0 5.0 6.4 244.0 0.108 1.5smc170a 162.0 179.0 1.0 145.0 5.0 6.7 234.0 0.108 1.5smc180 162.0 198.0 1.0 146.0 5.0 6.1 258.0 0.108 1.5smc180a 171.0 189.0 1.0 154.0 5.0 6.4 246.0 0.108 1.5smc200 180.0 220.0 1.0 162.0 5.0 5.4 287.0 0.108 1.5smc200a 190.0 210.0 1.0 171.0 5.0 5.7 274.0 0.108 notes: 1. v br measured after i t applied for 300us, i t =square wave pulse or equivalent. 2. surge current waveform per figure 3 and derate per figure 2. 3. for bipolar types having v wm of 10 volts and under, the i d limit is doubled. 4. for bidirectional use c or ca suffix for types 1.5smc 6.8 through 1.5smc200a. 5. all terms and symbols are consistent with ansi/ieee c62.35. 1.5smc series 1500 watts surface mount transient voltage suppressor 1.5smc100 1.5smc100a 1.5smc110 1.5smc110a 1.5smc120 1.5smc120a 1.5smc130 1.5smc130a 1.5smc150 1.5smc150a 1.5smc160 1.5smc160a 1.5smc170 1.5smc170a 1.5smc180 1.5smc180a 1.5smc200 1.5smc200a http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of 15SMC150A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X